Part Number Hot Search : 
MGF4851A BPC3504 5KP180A CD74HC L107G S25GB ICS91 CS8305
Product Description
Full Text Search
 

To Download EMVL250ADA331MJA0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3000 to 5000-hours-life, 105 aichip tm - mvl series ? endurance : 3,000 to 5,000 hours at 105 ? suitable for applications requiring long life such as continuously operating equipment, industrial applications, etc ? solvent resistant type (see precautions and guidelines) ? rohs compliant specifications (at 20 ,120hz) (at 20 , after 2 minutes) (at 20 ,120hz) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tan ) low temperature characteristics (max. impedance ratio) endurance shelf life items -40 to +105 6.3 to 50v dc 20%(m) i=0.03cv or 4a, whichever is greater where, i : max. leakage current (a), c : nominal capacitance (f), v : rated voltage (v) rated voltage (v dc ) max. tan rated voltage(v dc ) z(-25 )/z(+20 ) z(-40 )/z(+20 ) the following specifications shall be satisfied when the capacitors are restored to 20 after the rated voltage is applied for specified time at 105 . capacitance change Q 30% of the initial value time d60 to f803,000 hours ha0 & ja05,000 hours d.f. (tan ) Q 300% of the initial specified value leakage current Q the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 after exposing them for 1,000 hours at 105 without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change Q 30% of the initial value d.f. (tan ) Q 300% of the initial specified value leakage current Q the initial specified value characteristics 6.3v 0.28 6.3v 4 10 10v 0.24 10v 3 7 16v 0.20 16v 2 5 25v 0.16 25v 2 3 35v 0.13 35v 2 3 50v 0.12 50v 2 3 dimensions [mm] d 0.5 l 0.3 (note) 0.3max. a 0.2 w c 0.2 b 0.2 p note : l 0.5 for ha0 and ja0 size code d60 e60 f60 f80 ha0 ja0 d 4 5 6.3 6.3 8 10 l 5.7 5.7 5.7 7.7 10.0 10.0 a 4.3 5.3 6.6 6.6 8.3 10.3 b 4.3 5.3 6.6 6.6 8.3 10.3 c 5.1 5.9 7.2 7.2 9.0 11.0 w 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 1.0 1.4 1.9 1.9 3.1 4.5 t er minal code : a vent for ja0 longer life mvl mvj p93 marking 9hl 47 16v ex) 16v47f part numbering system supplement code size code capacitance tolerance code capac i t anc e c ode ( e x . 4 . 7f:4r7, 1 0f:100 ) taping code terminal code voltage code (ex. 6.3v:6r3,10v:100,50v:500) series code category e m v l a a a a d a a a a a a a g m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 p leas e r e f e r to "product code guide (su r f a c e m ount type) " 91 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information c ontained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors
3000 to 5000-hours-life, 105 aichip tm - mvl series standard ratings wv (v dc ) cap ( f) siz e code t a n rated ripple current (marms/ 105 ,120hz) p ar t no. 6.3 22 47 100 220 330 1,000 33 220 10 22 47 100 470 33 47 100 330 22 36 60 101 160 313 35 141 18 30 50 81 254 48 63 116 238 emvl6r3ada220md60g emvl6r3ada470me60g emvl6r3ada101mf60g emvl6r3ada221mf80g emvl6r3ada331mha0g emvl6r3ada102mja0g emvl100ada330me60g emvl100ada221mha0g emvl160ada100md60g emvl160ada220me60g emvl160ada470mf60g emvl160ada101mf80g emvl160ada471mja0g emvl250ada330mf60g emvl250ada470mf80g emvl250ada101mha0g EMVL250ADA331MJA0G emvl350ada4r7md60g emvl350ada100me60g emvl350ada220mf60g emvl350ada330mf80g emvl350ada221mja0g emvl500ada1r0md60g emvl500ada2r2md60g emvl500ada3r3md60g emvl500ada4r7me60g emvl500ada100mf60g emvl500ada220mf80g emvl500ada330mha0g emvl500ada470mha0g emvl500ada101mja0g 0.28 0.28 0.28 0.28 0.28 0.28 0.24 0.24 0.20 0.20 0.20 0.20 0.20 0.16 0.16 0.16 0.16 0.13 0.13 0.13 0.13 0.13 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 d60 e60 f60 f80 ha0 ja0 e60 ha0 d60 e60 f60 f80 ja0 f60 f80 ha0 ja0 10 16 25 wv (v dc ) cap siz e code rated ripple current (marms/ p ar t no. 35 4.7 10 22 33 220 1.0 2.2 3.3 4.7 10 22 33 47 100 d60 e60 f60 f80 ja0 d60 d60 d60 e60 f60 f80 ha0 ha0 ja0 50 105 ,120hz) t a n ( f) 15 25 42 57 216 6.2 11 14 19 30 49 77 92 151 frequency(hz) capacitance(f) 120 1k 10k 100k 1.0 1.00 1.50 1.75 1.80 2.2 to 10 1.00 1.30 1.40 1.50 22 to 1,000 1.00 1.05 1.08 1.08 rated ripple current multipliers ? frequency multipliers the endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 rise. when long life performance is required in actual use, the rms ripple current has to be reduced. 92 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of EMVL250ADA331MJA0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X